PART |
Description |
Maker |
NTRV4101P NTRV4101PT1G |
Trench Power MOSFET ?0 V, Single P?Channel, SOT?3 Load/Power Management for Portables
|
TY Semiconductor Co., Ltd
|
NTLJD2105L |
Power MOSFET, 8 V, 4.3 A, μCool™ High Side Load Switch with Level Shift
|
ON Semiconductor
|
FTD2015 |
Load Switching Applications 负荷开关应 N-Channel Silicon MOSFET Load Switching Applications
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
NCP45520 |
NCP45520 & NCP45521 Datasheet - ecoSWITCH Advanced Load Management: 11.5A Integrated Load Switch w/ Ultra-Low R<sub>ON</sub>, V<sub>IN</sub> Range= 0.5V-13.5V, Power Good Out or Adj. Slew Rate, Adj. Discharge, & Fault Protection
|
ON Semiconductor
|
NCP45560 |
NCP45560 Datasheet - ecoSWITCH™ Advanced Load Management: 23A Integrated Load Switch w/ Ultra-Low R<sub>ON</sub>, V<sub>IN</sub> Range= 0.5V-13.5V, Power Good Out, Adj. Slew Rate, Adj. Discharge, & Fault Protection
|
ON Semiconductor
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
STK15C68 STK15C68-P25 STK15C68-P25I STK15C68-P35 S |
8K x 8 AutoStore nvSRAM APC BACK-UPS ES 8 Outlet 550VA 120V Uninterruptible Power Supply (UPS); Series:BK; Output Voltage:120V; Output Power Max:210W; Run Time - Half Load:18min; Run Time - Full Load:5min; Applications:Personal Computers; Electrical Outlet Style:NEMA 5-15R RoHS Compliant: NA Uninterruptible Power Supply (UPS); Series:BK; Output Voltage:120V; Output Power Max:330W; Run Time - Half Load:14min; Run Time - Full Load:2min; Applications:Personal Computers; Electrical Outlet Style:NEMA 5-15R RoHS Compliant: NA
|
SIMTEK List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
ISL6334ACRZ ISL6334ACRZ-T |
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
|
Intersil Corporation
|
FTD2014 |
N-Channel Silicon MOSFET Load Switching Applications
|
Sanyo Semicon Device
|
FTD1014 |
P-Channel Silicon MOSFET Load Switching Applications
|
SANYO[Sanyo Semicon Device]
|
194L-HE6G-175 800E-N130 800E-N141 800E-N157 194L-H |
6A Power MOSFET Drvr, 0C to 70C, 8-PDIP, TUBE 6A Power MOSFET Drvr, -40C to 85C, 8-PDIP, TUBE 1.5A Floating Load Drvr, 0C to 70C, 8-PDIP, TUBE SHAFT 230-350MM SHAFT 24MM X 2 SHAFT 110-235 DISCONNECT HANDLE HANDLE 80MM GREY/BLACK 拉手80毫米灰色/黑色 HANDLE 60MM GREY/BLACK 拉手60毫米灰色/黑色
|
Pericom Semiconductor, Corp. NXP Semiconductors N.V.
|
|